Part Number Hot Search : 
EMK12 SM4T7V5 04431 PD070 ZTX651 NTE56006 1606B EL5164IS
Product Description
Full Text Search
 

To Download P1100SCLRP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
SIDACtor(R) Series - DO-214
Description SIDACtor(R) Series DO-214AA are designed to protect baseband equipment such as modems, line cards, CPE and DSL from damaging overvoltage transients. The series provides a surface mount solution that enables equipment to comply with global regulatory standards. Features and Benefits Low voltage overshoot Agency Approvals
AGENCY AGENCY FILE NUMBER
Low on-state voltage Does not degrade with use
Fails short circuit when surged in excess of ratings Low Capacitance
E133083
Pinout Designation Not Applicable Schematic Symbol
Applicable Global Standards TIA-968-A TIA-968-B ITU K.20/21 Enhanced Level* ITU K.20/21 Basic Level GR 1089 Inter-building*
*A/B-rated parts require series resistance
GR 1089 Intra-building IEC 61000-4-5 YD/T 1082 YD/T 993 YD/T 950
Electrical Characteristics
VDRM @lDRM=5A V min 6 15 25 58 65 75 90 120 140 170 180 190 220 275 320 6 15 25 58 VS @100V/s V max 25 32 40 77 88 98 130 160 180 220 240 260 300 350 400 25 32 40 77 IH mA min 50 50 50 150 150 150 150 150 150 150 150 150 150 150 150 50 50 50 150 IS mA max 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT @IT=2.2 Amps V max 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 Capacitance @1MHz, 2V bias pF min 25 25 15 40 35 25 30 25 25 25 20 25 20 20 20 25 25 15 40 pF max 150 150 140 60 60 55 50 45 40 35 35 35 35 35 35 150 150 140 80
Part Number P0080SALRP P0220SALRP P0300SALRP P0640SALRP P0720SALRP P0900SALRP P1100SALRP P1300SALRP P1500SALRP P1800SALRP P2100SALRP P2300SALRP P2600SALRP P3100SALRP P3500SALRP P0080SBLRP P0220SBLRP P0300SBLRP P0640SBLRP
Marking P-8A P22A P03A P06A P07A P09A P11A P13A P15A P18A P21A P23A P26A P31A P35A P-8B P22B P03B P06B
Table continues on next page.
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information. 138 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Electrical Parameters (continued)
VDRM @lDRM=5A V min P0720SBLRP P0900SBLRP P1100SBLRP P1300SBLRP P1500SBLRP P1800SBLRP P2100SBLRP P2300SBLRP P2600SBLRP P3100SBLRP P3500SBLRP P0080SCLRP P0220SCLRP P0300SCLRP P0640SCLRP P0720SCLRP P0900SCLRP P1100SCLRP P1300SCLRP P1500SCLRP P1800SCLRP P2100SCLRP P2300SCLRP P2600SCLRP P3100SCLRP P3500SCLRP P07B P09B P11B P13B P15B P18B P21B P23B P26B P31B P35B P-8C P22C P03C P06C P07C P09C P11C P13C P15C P18C P21C P23C P26C P31C P35C 65 75 90 120 140 170 180 190 220 275 320 6 15 25 58 65 75 90 120 140 170 180 190 220 275 320 VS @100V/s V max 88 98 130 160 180 220 240 260 300 350 400 25 32 40 77 88 98 130 160 180 220 240 260 300 350 400 IH mA min 150 150 150 150 150 150 150 150 150 150 150 50 50 50 150 150 150 150 150 150 150 150 150 150 150 150 IS mA max 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 IT A max 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 VT @IT=2.2 Amps V max 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 4 Capacitance @1MHz, 2V bias pF min 35 35 30 25 25 25 20 25 20 20 20 45 30 25 55 50 45 45 40 35 35 30 30 30 30 25 pF max 75 70 70 60 55 50 35 50 45 45 40 260 240 250 155 150 140 115 105 95 90 90 80 80 70 65
Part Number
Marking
Notes: - Absolute maximum ratings measured at TA= 25C (unless otherwise noted). - Devices are bi-directional.
Surge Ratings
Series IPP 0.2x310 1 0.5x700 2 A min A B C
Notes: 1 Current waveform in s 2 Voltage waveform in s - Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product. - IPP - The device must initially be in thermal equilibrium with -40C < TJ <
2x10 1 2x10 2 A min 150 250 500
8x20 1 1.2x50 2 A min 150 250 400
10x160 1 10x160 2 A min 90 150 200
10x560 1 10x560 2 A min 50 100 150
5x320 1 9x720 2 A min 75 100 200
10x360 1 10x360 2 A min 75 125 175
10x1000 1 10x1000 2 A min 45 80 100
5x310 1 10x700 2 A min 75 100 200
ITSM 50/60 Hz A min 20 25 30
di/dt Amps/s max 500 500 500
20 25 50
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
139 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Thermal Considerations
Package DO-214AA Symbol TJ TS R0JA Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient 90 Value Unit C C C/W
V-I Characteristics
+I
tr x td Pulse Waveform
tr = rise time to peak value td = decay time to half value
IPP - Peak Pulse Current - %IPP
IT IS IH IDRM -V VT VDRM VS +V
100
Peak Value
Waveform = tr x td
50
Half Value
0 0
-I
tr
td t - Time (s)
Normalized VS Change vs. Junction Temperature
Normalized DC Holding Current vs. Case Temperature
2.0
14
Percent of VS Change - %
12 10 8 6 4 2 0 -4 -6 -8 -40 -20 0 20 40 60 80 100 120 140 160
IH (TC = 25C)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4
-40 -20 0 20 40 60 80 100 120 140 160
IH
25 C
25C
Junction Temperature (TJ) - C
Ratio of
Case Temperature (TC) - C
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
140 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Soldering Parameters
Reflow Condition
- Temperature Min (Ts(min))
Pb-Free assembly (see Fig. 1)
Figure 1
TP
Ramp-up
tP
Critical Zone TL to TP
Pre Heat
- Temperature Max (Ts(max)) - Time (Min to Max) (ts)
60-180 secs. 3C/sec. Max. 3C/sec. Max. 60-150 secs.
Temperature
Average ramp up rate (Liquidus Temp (TL) to peak) TS(max) to TL - Ramp-up Rate Reflow
- Temperature (TL) (Liquidus) - Temperature (tL)
TL TS(max)
Preheat
tL
Ramp-down
TS(min)
tS
Peak Temp (TP) Time within 5C of actual Peak Temp (tp) Ramp-down Rate Time 25C to Peak Temp (TP) Do not exceed 30 secs. Max. 6C/sec. Max. 8 min. Max.
25 time to peak temperature (t 25C to peak)
Time
Physical Specifications
Lead Material Terminal Finish Body Material Copper Alloy 100% Matte-Tin Plated
Environmental Specifications
High Temp Voltage Blocking 80% Rated VDRM (VAC Peak 504 or 1008 hrs. MIL-STD-750 (Method 1040) JEDEC, JESD22-A-101 cycles. MIL-STD-750 (Method 1051) EIA/JEDEC, JESD22-A104 52 VDC JEDEC, JESD22-A-101 JEDEC, JESD22-A-101 -65C, 1008 hrs. 10 cycles. MIL-STD-750 (Method 1056) JEDEC, JESD22-A-106 JEDEC, JESD22-A-102
Temp Cycling
UL recognized epoxy meeting flammability classification 94V-0
Biased Temp & Humidity High Temp Storage Low Temp Storage Thermal Shock Autoclave (Pressure Cooker Test) Resistance to Solder Heat Moisture Sensitivity Level
Part Numbering
Part Marking
P xxx 0 S x L RP
TYPE P = SIDACtor MEDIAN VOLTAGE CONSTRUCTION VARIABLE PACKAGE TYPE REEL PACK RoHS COMPLIANT IPP RATING
Pxxx xxxxx
Part Marking Code
(Refer to Electrical Characteristics Table)
Date Code
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
141 Revised: February 22, 2011
SIDACtor (R) Protection Thyristors
Baseband Protection (Voice-DS1)
Dimensions -- DO-214AA
Case Temperature Measurement Point
CA 0.079 (2.0) Pad Outline 0.079 (2.0)
B D
Dimensions
A
Inches Min
0.130 0.201 0.077 0.159 0.030 0.075 0.002 0.077 0.006
Millimeters Min
3.30 5.10 1.95 4.05 0.75 1.90 0.05 1.95 0.15
Max
0.156 0.220 0.087 0.181 0.063 0.096 0.008 0.104 0.016
Max
3.95 5.60 2.20 4.60 1.60 2.45 0.20 2.65 0.41
0.110 (2.8) inch (millimeter)
B C D E F G H K
H E
F
K
G
Packing Options
Package Type S Description DO-214AA Tape & Reel Pack Quantity 2500 Added Suffix RP
Industry Standard
EIA-481-D
Tape and Reel Specification -- DO-214AA
0.157 (4.0) 0.472 (12.0)
0.36 (9.2) 0.315 (8.0) 12.99 (330.0) 0.059 DIA (1.5) Cover tape
0.512 (13.0) Arbor Hole Dia.
Dimensions are in inches (and millimeters).
0.49 (12.4)
Direction of Feed
(c) 2011 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to www.littelfuse.com for current information.
142 Revised: February 22, 2011


▲Up To Search▲   

 
Price & Availability of P1100SCLRP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X